Part Number Hot Search : 
A3010 NFSW036T 154809 E000732 40HF0 MBRB20 MBRB20 MBRB20
Product Description
Full Text Search
 

To Download 0399800406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/27/2010 please check www.molex.com for latest part information part number: 0399800406 status: active description: 5.08mm (.200") pitch beau? eurostyle? surface mount compatible locking header, 6 circuits documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification ul e48521 general product family terminal blocks series 39980 application wire-to-board comments gold plating available component type pcb header product literature order no usa-267 product name eurostyle?pluggable type euro block physical circuits (loaded) 6 color - resin black entry angle n/a flammability 94v-0 lock to mating part yes material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation vertical pc tail length (in) 0.150 in pc tail length (mm) 3.81 mm pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm panel mount no pitch - mating interface (in) 0.200 in pitch - mating interface (mm) 5.08 mm pitch - term. interface (in) 0.200 in pitch - term. interface (mm) 5.08 mm plating min: mating (in) 150 plating min: mating (m) 3.75 plating min: termination (in) 150 plating min: termination (m) 3.75 polarized to mating part yes shrouded no stackable no surface mount compatible (smc) no temperature range - operating 140c wire size awg n/a electrical current - maximum per contact 10a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39980 series mates with 39980-2106 spring clamp plug, 39980-0306 screw clamp plug
voltage - maximum 300v material info old part number 981506 reference - drawing numbers sales drawing sd-39980-006 this document was generated on 04/27/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0399800406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X